Part Number Hot Search : 
36000 23741 LT1371CR TM9369 NTE360 C0423 827GF LV5980MC
Product Description
Full Text Search
 

To Download MMS-105-02-T-DV-P-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,00mm) .0787" mms series mms?108?01?t?sv mms?110?01?l?dh mms?116?02?l?dv mms?112?02?t?sh www.samtec.com f-210 for complete speci cations see www.samtec.com?mms insulator material: black lcp contact material: phosphor bronze plating: sn or au over 50? (1,27?) ni operating temp range: -55? to +125? with gold -55? to +105? with tin contact resistance: 10 m max current rating: 2a @ 80? ambient insertion depth: dh = (2,13mm) .084" to (2,79mm) .110", sh= (2,13mm) .084" minimum or pass-through top entry dv/sv= (2,13mm) .084" to (4,32mm) .170" bottom entry dv/sv= (4,27) .168" minimum (plus board) insertion force: (single contact only) 3.7oz (1,03n) avg. withdrawal force: (single contact only) 2.2oz (0,61n) avg. rohs compliant: yes processing: max processing temp: 230? for 60 seconds or 260? for 20 seconds 3x lead?free solderable: ye s smt lead coplanarity: (0,15mm) .006" max no. pins per row other option 1 mms 02 thru 40 plating option row option ?sv = single vertical ?sh = single horizontal ?dv = double vertical ?dh = double horizontal ??xx? = polarized position 01 mates with: tmmh, tmm, mtmm, mmt, tw, ltmm, zltmm, tcmd no. pins per row other option 1 mms 02 thru 40 plating option row option ?sv = single vertical ?sh = single horizontal ?dv = double vertical ?dh = double horizontal 02 ??xx? = polarized position ?k = (5,50mm) .217" dia polyimide film pick & place pad (?sv & ?dv only) (?sv= 3 pos. min.) (?dv= 4 pos. min.) ?m = metal pick & place pad (4 positions min.) (?dv only) ?p = plastic pick & place pad (4 pos. min., ?sv only) (5 pos. min., ?dv only) ?tr = tape & reel packaging note: some lengths, styles and options are non-standard, non-returnable. ?dh ?dv ?sv ?dv ?sh ?dh ?p ?m application specific options alignment pin (?v only), locking clips and through-hole pass-through options available. call samtec. ?l =10" (0,25m) gold contact, matte tin on tail ?t = matte tin ?sh & ?sv ?dh & ?dv x (0,254) .010 (0,559) .022 row option ?l = 10" (0,25m) gold contact, matte tin on tail ?t = matte tin (4,00) .157 (4,45) .175 no. of positions x (2,00) .0787 + x 01 79 02 80 (2,00) .0787 (4,70) .185 (3,05) .120 (4,70) .185 (3,05) .120 (2,00) .079 (2,92) .115 (2,92) .115 (2,00) .0787 (2,00) .0787 01 40 ?sh ?sv ?dv ?dh ?sv ?dv ?sh ?dh ?sh ?dh ?sv ?dv ?sh & ?sv ?dh & ?dv x (0,254) .010 (0,559) .022 row option (2,00) .0787 (2,00) .0787 (4,00) .157 (4,50) .177 01 40 01 79 02 80 (2,00) .0787 (4,17) .164 (2,16) .085 (1,39) .055 (1,22) .048 (1,22) .048 (1,39) .055 ?s row (3,81) .150 x (7,62) .300 ?d row (5,71) .225 x (10,01).394 (5,08) .200 x (5,71) .225 (4,70) .185 no. of positions x (2,00) .0787 + x ?sh ?sv specifications box contact socket


▲Up To Search▲   

 
Price & Availability of MMS-105-02-T-DV-P-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X